PART |
Description |
Maker |
BD1CIC0WEFJ-E2 BD1CIC0WEFJ-GTR BD1CIC0WHFV BD1CIC0 |
1A Variable Fixed Output LDO Regulators
|
Rohm
|
BD70GC0WEFJ BD33GC0WEFJ BD33GC0WEFJ-E2 BD18GC0WEFJ |
1A Variable Fixed Output LDO Regulator
|
Rohm
|
BA3259HFP-TR BA3259HFP12 |
Dual-Output (Fixed/Variable) LDO Regulators
|
Rohm
|
BD12KA5WF-E2 |
500mA Variable/Fixed Output LDO Regulators
|
Rohm
|
TLE4276-2DV50 TLE4276-2GV TLE4276-2GV50 |
Low Drop Voltage Regulator 5 V or variable output voltage Output voltage tolerance ?±2% 5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO5 5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO4
|
Infineon Technologies AG
|
BD33IA5WEFJ BD00IA5WEFJ-E2 BD12IA5WEFJ-E2 BD18IA5W |
500mA Fixed Output LDO Regulators 500mA Variable Output LDO Regulators
|
ROHM
|
MIC5219-2.6BM5 MIC5219-2.7BM5 MIC5219-2.8BM5 MIC52 |
500mA-Peak Output LDO Regulator ADJUSTABLE POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO5 3-A Active Bus Termination/ DDR Memory DC/DC Converter 20-HTSSOP -40 to 85 3.6 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO8 500mA-Peak Output LDO Regulator 2.9 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO5 500mA-Peak Output LDO Regulator 2.8 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO5 500mA-Peak Output LDO Regulator 2.7 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO5 3-A Active Bus Termination/ DDR Memory DC/DC Converter 20-HTSSOP -40 to 85 3.6 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO5
|
Micrel Semiconductor, Inc. Linear Technology, Corp. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
LP2950CZ-3.3RA LP2950CZ-5.0RP LP2950ACZ-5.0RA LP29 |
100mA, 3.3V Output, Low Power Low Dropout Voltage Regulator; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100mA, 5.0V Output, Low Power Low Dropout Voltage Regulator; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Ammunition Box; Qty per Container: 1000 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100mA, 5.0V Output, Low Power Low Dropout Voltage Regulator; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100mA, 5.0V Output, Low Power Low Dropout Voltage Regulator- Pb Free Device; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 100 mA, Low Power Low Dropout Voltage Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 100 mA, Low Power Low Dropout Voltage Regulator 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 CONNECTOR ACCESSORY 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 100 mA, Low Power Low Dropout Voltage Regulator 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 Micropower Voltage Regulators 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 128 x 128 pixel format, LED or EL Backlight available 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 Micropower Voltage Regulators 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 Micropower Voltage Regulators 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 Micropower Voltage Regulators 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 Micropower Voltage Regulators 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100mA, 3V Output, Low Power Low Dropout Voltage Regulator with Error Flag output; ; Pb Free Device; Package: Micro8™; No of Pins: 8; Container: Tape and Reel; Qty per Container: 4000
|
ON Semiconductor
|
TC1263_05 TC1263-2.5VAT TC1263-2.5VET TC1263-2.5VE |
500 mA, Fixed-Output, CMOS LDO with Shutdown The TC1263 is a fixed output, high accuracy (typically ±0.5%) CMOS low dropout regulator. Designed specifically for battery-operated ...
|
MICROCHIP[Microchip Technology]
|
SPX1085T-3.3 SPX1085AU-3.3 SPX1085U-5.0 SPX1085 SP |
5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2 3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response 3A Low Dropout Voltage Regulator Adjustable & Fixed Output Fast Response CONNECTOR ACCESSORY 3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response 3A低压差线性稳压器可调 5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSFM3 3.3 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2
|
SIPEX[Sipex Corporation] EXAR CORP
|
TC1262 TC1262-2.5VAB TC1262-2.5VDBTR TC1262-2.5VEB |
The TC1262 is a fixed output, high accuracy (typically ±0.5%) CMOS low dropout regulator. Designed specifically for battery-operated ... The TC1262 is a fixed output, high accuracy (typically ±0.5%) CMOS low dropout regulator. Designed specifically for battery-operated systems, the TC1262’s CMOS construction eliminates wasted ground current, significantly extendi 500mA fixed output CMOS LDO, 2.5V 500mA fixed output CMOS LDO, 2.8V
|
Microchip Technology
|
IRU1117-25CD IRUB1117-25 IRUB1117-25CD IRUB1117-25 |
800mA LOW DROPOUT POSITIVE FIXED 2.5V REGULATOR 800mA的低压差型正,固2.5V的稳压器 0.8A Fixed LDO Linear Regulator in a SOT-223 3-Leads package 0.8A Fixed LDO Linear Regulator in a ULTRA THIN-PAK 2-Leads package 0.8A Fixed LDO Linear Regulator in a TO-252 (D-PAK) 2-Leads package 0.8A Fixed LDO Linear Regulator in a SOIC 8-Lead package
|
International Rectifier, Corp.
|
|